|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
mp2490 1.5a, 36v, 700khz step-down converter with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 1 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. the future of analog ic technology description the mp2490 is a monolithic step-down switch mode converter with a programmable output current limit. it achieves 1.5a continuous output current over a wide input supply range with excellent load and line regulation. the maximum output current can be programmed by sensing current through the inductor dc resistance (dcr) or an accurate sense resistor. fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. the mp2490 requires a minimum number of readily available standard external components. the mp2490 is available in qfn10 (3mm x 3mm), 8-pin soic and pdip packages. features ? wide 4.5v to 36v operating input range ? programmable up to 1.5a output current ? output adjustable from 0.8v to 15v ? programmable output current limit without power loss ? 0.25 ? internal power mosfet switch ? stable with low esr output ceramic capacitors ? 95% efficiency @ 500ma (vo=5v) ? fixed 700khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? available in qfn10 (3mm x 3mm), 8-pin soic and pdip packages applications ? usb power supplies ? automotive cigarette lighter adapters ? power supply for linear chargers ?mps? and ?the future of analog ic technology? are registered trademarks of monolithic power systems, inc. typical application c9 10nf en vin 4.5v - 36v vout gnd 5v r5 r8 d1 l1 vin bst isn pgood sw isp gnd fb en ss mp2490 5 3 1 89 6 10 7 2 4 pgood v-pull-up efficiency (%) 50 60 70 80 90 100 load current (ma) efficiency vs. load current 10 100 1000 10000 v out =5v v in =8v v in =12v v in =24v
mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 2 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. ordering information part number package top marking free air temperature (t a ) MP2490DQ * qfn10 (3mm x 3mm) t6 ?40 c to +85 c mp2490ds soic8 mp2490ds ?40 c to +85 c mp2490cp pdip8 mp2490cp 0 c to +70 c * for tape & reel, add suffix ?z (e.g. MP2490DQ?z); for rohs, compliant packaging, add suffix ?lf (e.g. MP2490DQ?lf?z). package reference top view vin gnd en fb ss 1 2 3 4 5 sw bst pgood isp isn 10 9 8 7 6 exposed pad on backside connect to gnd vin gnd fb ss sw bst isp isn 1 2 3 4 8 7 6 5 top view qfn10 (3mm x 3mm) soic/pdip absolute maxi mum ratings (1) supply voltage v in ....................................... 40v v sw ....................................... ?0.3v to v in + 0.3v v bst ................................................... v sw + 6.5v v isn, v isp ................................................0v to15v all other pins ..............................?0.3v to +6.5v continuous power dissipation (t a = +25c) (2) qfn10 (3mm x 3mm) ................................ 2.5w soic8 ...................................................... 1.39w pdip8 ...................................................... 1.32w junction temperature ...............................150 c lead temperature ....................................260 c storage temperature.............. ?65 c to +150 c recommended operating conditions (3) supply voltage v in ...........................4.5v to 36v output voltage v out (v in >16.5v) ....... 0.8v to 15 output voltage v out (v in <=16.5v) ...................... .........................................0.8v to (v in ?1.5)v operating junction temperature (t j ) ................................................ ?40 c to +125 c thermal resistance (4) ja jc qfn10 (3mm x 3mm) .............50 ...... 12 ... c/w soic8 .....................................90 ...... 45 ... c/w pdip8......................................95 ...... 55 ... c/w notes: 1) exceeding these ratings may damage the device. 2) the maximum allowable power dissipation is a function of the maximum junction temperature t j (max), the junction-to- ambient thermal resistance ja , and the ambient temperature t a . the maximum allowable continuous power dissipation at any ambient temperature is calculated by p d (max) = (t j (max)-t a )/ ja . exceeding the maximum allowable powe r dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. internal thermal shutdown circuitry protects the device from permanent damage. 3) the device is not guaranteed to function outside of its operating conditions. 4) measured on jedec51-7 4 layer pcb. mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 3 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. electrical characteristics v in = 12v, t a = +25 c, unless otherwise noted. parameters symbol condition min typ max units feedback voltage v fb 4.5v v in 36v 0.785 0.805 0.825 v feedback bias current i bias(fb) v fb = 0.8v 10 na switch on resistance r ds(on) 0.25 ? switch leakage v en = 0v, v sw = 0v 0.1 10 a current limit (5) 2.2 2.6 3 a oscillator frequency f sw v fb = 0.6v 560 700 840 khz fold-back frequency v fb = 0v 200 khz boot-strap voltage v bst - v sw 5 v minimum on time (5) t on v fb = 1v 100 ns under voltage lockout threshold rising 3.0 3.3 3.6 v under voltage lockout threshold hysteresis 200 mv en input low voltage (6) 0.4 v en input high voltage (6) 1.8 v en input bias current (6) v en = 0-6v ?10 ?2 10 a supply current (shutdown) v en = 0v 4 10 a supply current (quiescent) v en = 2v, v fb = 1v 500 800 a thermal shutdown (5) 150 c current sense voltage v isp ?v isn v isp , v isn 0.4?15v 90 100 110 mv input bias current (isn, isp) i bias (isn,isp) v isp , v isn 0.4?15v ?1 0.1 +1 ua pgood sink current sink current 5ma 0.3 v note: 5) guaranteed by design 6) enable function is only available for the MP2490DQ mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 4 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. pin functions qfn10-3 pin # soic-8 / pdip-8 pin# name description 1 1 vin supply voltage. the mp2490 operates from a +4.5v to +36v unregulated input. c in is needed to prevent large voltage spikes from appearing at the input. put c in as close to the ic as possible. it is the drain of the internal power device and power supply for the whole chip. 2 2 gnd ground. this pin is the voltage refe rence for the regulated output voltage. for this reason care must be taken in its layout. this node should be placed outside of the d1 to c in ground path to prevent switching current spikes from inducing voltage noise into the part. 3 en on/off control input. (only available for the MP2490DQ) 4 3 fb feedback. an external resistor divider from the output to gnd, tapped to the fb pin sets the output voltage. to prevent current limit run away during a short circuit fault condition the frequency-fold-back comparator lowers the oscillator frequency when the fb voltage is below 250mv. 5 4 ss connect to an external capacitor us ed for soft-start and compensation for current limiting loop. 6 5 isn negative current sense input for load current limiting. 7 6 isp positive current sense 8 pgood power good signal. when fb is less than 90% of 0.8v, pgood is low. it is an open-drain output. use a high value pull-up resistor externally to pull it up to system power supply. 9 7 bst bootstrap. this capacitor is needed to drive the power switch?s gate above the supply voltage. it is connected between sw and bst pins to form a floating supply across the power switch driver. an on-chip regulator is used to charge up the external boot-strap capa citor. if the on-chip regulator is not strong enough, one optional diode can be connected from in or out to charge the external boot-strap capacitor. 10 8 sw switch output. it is the source of power device. mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 5 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. typical performanc e characteristics c1=c2=4.7 f, c3=c4=10 f, c8=0.1 f, l=12 h, t a =25oc, unless otherwise noted peak current (a) duty cycle (%) peak current vs. duty cycle 40 2.0 2.2 2.4 2.6 2.8 3.0 3.2 50 60 70 80 90 11.7 11.8 11.9 12.0 12.1 12.2 12.3 load regulation output voltage (v) output voltage (v) output voltage (v) load current (ma) load current (ma) load current (ma) load regulation load regulation 0 400 3.20 3.24 3.28 3.32 3.36 3.40 4.90 4.94 4.98 5.02 5.06 5.10 800 1200 1600 2000 0 400 800 1200 1600 2000 0 400 800 1200 1600 2000 efficiency (%) 50 60 70 80 90 100 load current (ma) efficiency vs. load current 10 100 1000 10000 efficiency (%) 50 60 70 80 90 100 load current (ma) efficiency vs. load current 10 100 1000 10000 v out =5v v in =8v v in =12v v in =24v efficiency (%) 50 60 70 80 90 100 load current (ma) efficiency vs. load current 10 100 1000 10000 v in =8v v in =12v v in =24v v out =3.3v v in =18v v in =24v v in =36v v out =12v v in =5v v in =12v v in =24v v in =8v v in =12v v in =24v v in =24v v in =36v v in =15v v out =3.3v gain (db) 0 0.5 1.0 1.5 2.0 2.5 output voltage (v) 0.5 1.5 2.5 3.5 4.5 5.5 current regulation v in =12v, v out =5v r: sense to rs, l: sense to dcr r l loop gain bode plot v in =12v, v out =5v, i out =0.5a load current (a) phase degree 1 10 100 1000 frequency (khz) -60 -40 -20 0 20 40 60 -135 -90 -45 0 45 90 135 phase gain mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 6 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. typical performanc e characteristics (continued) c1=c2=4.7 f, c3=c4=10 f, c8=0.1 f, l=12 h, t a =25oc, unless otherwise noted power ramp up v in =12v, v en put to v in v out =5v, i out =130ma, resistor load enable up v in =15v, v en put to v in v out =12v, i out =1a, resistor load steady state v in =15v, v en put to v in v out =12v, i out =1.8a, electrical load short circuit v in =12v, v en put to v in v out =5v short circuit recovery v in =12v, v en put to v in v out =5v enable down v in =15v, v en put to v in v out =12v, i out =1a, resistor load power ramp down v in =12v, v en put to v in v out =5v, i out =130ma, resistor load v out 20mv/div i l 1a/div v sw 5v/div v pg 5v/div v out 20mv/div i l 1a/div v sw 20v/div v pg 5v/div v out 20mv/div i l 1a/div v out 2v/div i l 2a/div v out 2v/div i l 2a/div v sw 10v/div v pg 5v/div v out 5v/div i l 0.2a/div v sw 10v/div v in 10v/div v out 5v/div i l 0.2a/div v sw 10v/div v in 10v/div v en 2v/div v out 10v/div v sw 10v/div i out 1a/div v en 2v/div v out 10v/div v sw 10v/div i out 1a/div 1ms/div 2ms/div 2ms/div 10ms/div steady state v in =8v, v en put to v in v out =5v, i out =1.8a, electrical load steady state v in =16v, v en put to v in v out =5v, i out =1.8a, electrical load mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 7 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. operation main control loop the mp2490 is a current mode buck regulator. that is, the error amplifier (ea) output voltage is proportional to the peak inductor current. at the beginning of a cycle, the integrated high side power switch m1 (fig.1) is off; the ea output voltage is higher than the current sense amplifier output; and the current comparator?s output is low. the rising edge of the 700khz clock signal sets the rs flip-flop. its output turns on m1 thus connecting the sw pin and inductor to the input supply. the increasing inductor current is sensed and amplified by the current sense amplifier. ramp compensation is added to current sense amplifier output and compared to the error amplifier output by the pwm comparator. when the current sense amplifier plus slope compensation signal exceeds the ea output voltage, the rs flip-flop is reset and the mp2490 reverts to its initial m1 off state. if the current sense amplifier plus slope compensation signal does not exceed the comp voltage, then the falling edge of the clk resets the flip-flop. the output of the error amplifier integrates the voltage difference between the feedback and the 0.8v bandgap reference. the polarity is such that a fb pin voltage lower than 0.8v increases the ea output voltage. since the ea output voltage is proportional to the peak inductor current, an increase in its voltage increases current delivered to the output. an external schottky diode (d1) carries the inductor current when m1 is off. load current limiting loop the output current information is sensed via the isp and isn pins. the regulation threshold is set at 100mv. if v sense , the difference of v isp and v isn , is less than 100mv, the output voltage of the power supply will be set by the fb pin. if v sense reaches 100mv, the current limit loop will pull down ss and regulate the output at a constant current determined by the external sense resistor. the external capacitor on ss pin is the dominant compensation capacitor for load current regulation loop. the capacitor has normal value of 100nf, which will put the bandwidth of load current regulation loop to be less than 1 khz. when v sense is higher than 100mv, ss will not drop down to the final regulation level immediately. it will cause the load current to be higher than the programmed level for a short period. a fast comparator is added to shut down power switch when the average load current is higher than 120% of the programmed current limit level. an inductor dc resistance (dcr) or accurate sense resistor can be used for load current sensing. mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 8 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. vin en fb ss gnd pgood sw isp isn 100mv bst regulator oscillator 700khz driver current sense amplifier error amplifier current limit comparator pwm comparator d m1 regulator reference 0.72v -- + -- + -- + -- -- + + -- + s r r q -- + 1pf 20pf r1 ss figure 1?functional block diagram mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 9 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. application information setting the output voltage the external resistor divider is used to set the output voltage (see the schematic on front page). the feedback resistor r1 also sets the feedback loop bandwidth with the internal compensation capacitor (see figure 1). choose r1 to be around 300k ? for optimal transient response. r2 is then given by: 1 v 8 . 0 v 1 r 2 r out ? = table 1?resistor selection for common output voltages v out (v) r1 (k ? ) r2 (k ? ) 1.8 300 (1%) 240 (1%) 2.5 300 (1%) 141.1 (1%) 3.3 300 (1%) 96 (1%) 5 300 (1%) 57.1 (1%) selecting the inductor a 1h to 15h inductor with a dc current rating of at least 25% percent higher than the maximum load current is recommended for most applications. for highest efficiency, the inductor dc resistance should be less than 200m ? . for most designs, the inductance value can be derived from the following equation. sw l in out in out f i v ) v v ( v l ? = where i l is the inductor ripple current. choose inductor current ripple to be approximately 30% of the maximum load current,. the maximum inductor peak current is: 2 i i i l load ) max ( l + = under light load conditions below 100ma, larger inductance is recommended for improved efficiency. selecting the input capacitor the input capacitor reduces the surge current drawn from the input and also the switching noise from the device. the input capacitor impedance at the switching frequency should be less than the input source impedance to prevent high frequency switching current from pass to the input. ceramic capacitors with x5r or x7r dielectrics are highly recommended because of their low esr and small temperature coefficients. for most applications, a 4.7f capacitor is sufficient. selecting the output capacitor the output capacitor keeps output voltage small and ensures regulation loop stability. the output capacitor impedance should be low at the switching frequency. ceramic capacitors with x5r or x7r dielectrics are recommended. pc board layout the high current paths (gnd, in and sw) should be placed very close to the device with short, direct and wide traces. the input capacitor needs to be as close as possible to the in and gnd pins. the external feedback resistors should be placed next to the fb pin. keep the switching node sw short and away from the feedback network. isn, isp are sensitive nodes. put the sensing components as close to the device as possible and keep them away from the high current and noisy paths such as gnd, in, sw). match the trace and components on isn, isp paths as good as possible. mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 10 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. output current sensing the output current can be sensed through the dc resistance (dcr) of the inductor, as shown in figure 2a. in figure 2a, the output current limit is set as: ab out b rr 100mv i dcr r + = where dcr is the dc resistance of the inductor winding. in figure 2a, it is desirable to keep ab s ab rr l1 c r r dcr ? = + if, there is no rb: = as l1 rc dcr for more accurate sensing, use a more accurate sense resistor, as in figure 2b, where the output current limit is set as: out sense 100mv i r = figure 2?current sensing methods mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 11 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. package information qfn10 (3mm x 3mm) side view top view 1 10 6 5 bottom view 2.90 3.10 1.45 1.75 2.90 3.10 2.25 2.55 0.50 bsc 0.18 0.30 0.80 1.00 0.00 0.05 0.20 ref pin 1 id marking 1.70 0.50 0.25 recommended land pattern 2.90 note: 1) all dimensions are in millimeters. 2) exposed paddle size does not include mold flash. 3) lead coplanarity shall be 0.10 millimeter max. 4) drawing conforms to jedec mo-229, variation veed-5. 5) drawing is not to scale. pin 1 id see detail a 2.50 0.70 pin 1 id option b r0.20 typ. pin 1 id option a r0.20 typ. detail a 0.30 0.50 pin 1 id index area mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit mp2490 rev. 0.92 www.monolithicpower.com 12 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. soic8 0.016(0.41) 0.050(1.27) 0 o -8 o detail "a" 0.010(0.25) 0.020(0.50) x 45 o see detail "a" 0.0075(0.19) 0.0098(0.25) 0.150(3.80) 0.157(4.00) pin 1 id 0.050(1.27) bsc 0.013(0.33) 0.020(0.51) seating plane 0.004(0.10) 0.010(0.25) 0.189(4.80) 0.197(5.00) 0.053(1.35) 0.069(1.75) top view front view 0.228(5.80) 0.244(6.20) side view 14 85 recommended land pattern 0.213(5.40) 0.063(1.60) 0.050(1.27) 0.024(0.61) note: 1) control dimension is in inches. dimension in bracket is in millimeters. 2) package length does not include mold flash, protrusions or gate burrs. 3) package width does not include interlead flash or protrusions. 4) lead coplanarity (bottom of leads after forming) shall be 0.004" inches max. 5) drawing conforms to jedec ms-012, variation aa. 6) drawing is not to scale. 0.010(0.25) bsc gauge plane mp2490 ? 1.5a, 36v, 700khz step-down with programmable output current limit notice: the information in this document is subject to change wi thout notice. please contact m ps for current specifications. users should warrant and guarantee that third party intellectual property rights ar e not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp2490 rev. 0.92 www.monolithicpower.com 13 4/23/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. pdip8 note: 1) control dimension is in inches. dimension in bracket is in millimeters. 2) package length and width do no t include mold flash, or protrusions. 3) drawing conforms to jedec ms-001, variation ba. 4) drawing is not to scale. 0.008(0.20) 0.014(0.36) 0.240(6.10) 0.260(6.60) pin 1 id 0.050(1.27) 0.065(1.65) 0.367(9.32) 0.387(9.83) top view front view side view 1 4 85 0.300(7.62) 0.325(8.26) 0.320( 8.13) 0.400(10.16) 0.125(3.18) 0.145(3.68) 0.120(3.05) 0.140(3.56) 0.015(0.38) 0.021(0.53) 0.100(2.54) bsc 0.015(0.38) 0.035(0.89) |
Price & Availability of MP2490DQ |